Part Number Hot Search : 
BPC2508 VO2611 JAN2N LB11690 D74LVC MT160 ACE9030 HN4D01JU
Product Description
Full Text Search
 

To Download DL5281 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
DL5221 THRU DL5281
500 mW Zener Diode 2.4 to 200 Volts
MINIMELF
Cathode Mark
* * * *
Wide Voltage Range Available Glass Package High Temp Soldering: 250C for 10 Seconds At Terminals Surface Mount Package
* * * * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C 500 mWatt DC Power Dissipation Power Derating: 4.0mW/C above 50C Forward Voltage @ 200mA: 1.1 Volts
Figure 1 - Typical Capacitance 100
C
B A pf 10 At zero volts At -2 Volts V R
DIM A B C INCHES MIN .134 .008 .055 DIMENSIONS MM MIN 3.40 .20 1.40
1
0
100
VZ
200
MAX .142 .016 .059
MAX 3.60 .40 1.50
NOTE
Typical Capacitance (pf) - versus - Zener voltage (VZ) Figure 2 - Derating Curve
SUGGESTED SOLDER PAD LAYOUT
400 mW 200
0.075"
0.105
0.030"
50 100 150 Temperature C Power Dissipation (mW) - Versus - Temperature C
0
www.mccsemi.com
DL5221 thru DL5281
MCC PART NUMBER DL5221 DL5222 DL5223 DL5224 DL5225 DL5226 DL5227 DL5228 DL5229 DL5230 DL5231 DL5232 DL5233 DL5234 DL5235 DL5236 DL5237 DL5238 DL5239 DL5240 DL5241 DL5242 DL5243 DL5244 DL5245 DL5246 DL5247 DL5248 DL5249 DL5250 DL5251 DL5252 DL5253 DL5254 DL5255 DL5256 DL5257 DL5258 DL5259 DL5260 DL5261 DL5262 DL5263 DL5264 DL5265 DL5266 DL5267 DL5268 DL5269 DL5270 DL5271 DL5272 DL5273 DL5274 DL5275 DL5276 DL5277 DL5278 DL5279 DL5280 DL5281 NOMINAL ZENER VOLTAGE VZ @ IZT VOLTS 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 TEST CURRENT I ZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 0.95 0.90 0.85 0.80 0.74 0.68 0.66 0.65 MAXIMUM ZENER IMPEDANCE `B' SUFFIX ONLY Z ZT @ IZT Z ZK @I ZK = 0.25mA OHMS OHMS 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200 2400 2500 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000 6500 7000
MCC
MAXIMUM REVERSE LEAKAGE CURRENT IR @ VR A VOLTS 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 76 84 91 99 106 114 122 129 137 144 152 MAX. ZENER VOLTAGE TEMP COEFFICIENT `B' SUFFIX ONLY % / C -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 +0.098 +0.099 +0.099 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110
NOTE 1: Table as shown lists type numbers, which indicate a tolerance of 20% with guaranteed limits on only Vz, IR, and V F. Devices with guaranteed limits on all six parameters are indicated by suffix "A" for 10%, "B" for 5%, "C" for 2%, and "D" for 1% tolerance NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds. NOTE 3: Temperature coefficient (a VZ). Test conditions for temperature coefficient are as follows: a. IZT = 7.5mA, TI = 25oC T2 = 125oC (DL5221 thru DL5242) b. IZT = Rated IZT , TI = 25oC, T2 = 125oC (DL5243 thru DL5281) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of DL5281

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X